PART |
Description |
Maker |
HI-1566CDT HI-1566CDI HI-1565PSTF HI-1565PCI HI-15 |
5V Monolithic Dual Transceivers DATACOM, MIL-STD-1553 DATA BUS TRANSCEIVER, CDIP20 5V Monolithic Dual Transceivers DATACOM, MIL-STD-1553 DATA BUS TRANSCEIVER, PDSO20 5V Monolithic Dual Transceivers 5V的单片双收发 5V Monolithic Dual Transceivers DATACOM, MIL-STD-1553 DATA BUS TRANSCEIVER, PQCC44
|
Holt Integrated Circuits, Inc.
|
AD848JR |
18V; 1.1W; high speed, low powered monolithic Op Amp. For cable drivers, 8 and 10-bit data acquisition systems, video and R amplification, signal generators
|
Analog Devices
|
K4D623238B-GQC |
512K x 32Bit x 4 Banks Double Data Rate Synchronous RAM wi Extended Data Out Data Sheet
|
Samsung Electronic
|
K4D28163HD |
2M x 16Bit x 4 Banks Double Data Rate Synchronous RAM with Bi-directional Data Strobe and DLL Data Sheet
|
Samsung Electronic
|
2N5547JANTX 2N5545JANTX 2N5545JANTXV 2N5546JANTX 2 |
Monolithic MilitaryGeneral Purpose Monolithic N-Channel JFET Duals
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
MMQA5V6T3 MMQA20VT3 MMQA20VT3G MMQA6V2T1 MMQA6V2T1 |
SC-74 Quad Monolithic Common Anode 资深大律 74四单片共阳极 SC-74 Quad Monolithic Common Anode 150 W, UNIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE CIR 60C 60#16 SKT RECP SC-59 Quad Monolithic Common Anode
|
ONSEMI[ON Semiconductor]
|
MC74HC354DW MC54_74HC354 ON1412 MC54HC354 MC74HC35 |
8-Input Data Selector/Multiplexer With Data and Address Latches and 3-State Outputs 8-INPUT DATA SELECTOR/MULTLPLEXER WLTH DATA AND ADDRESS LATCHER AND 3-STATE OUTPUTS From old datasheet system
|
Motorola, Inc. ON Semi MOTOROLA[Motorola, Inc]
|
HI-8787 HI-8787PQI HI-8787PQT HI-8788 HI-8788PQI H |
16 Bit Parallel data converted to 429 and 561 serial data out ARINC INTERFACE DEVICE 16-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT 512 MACROCELL 3.3 VOLT ZERO POWER ISP CP - NOT RECOMMENDED for NEW DESIGN
|
HOLTIC[Holt Integrated Circuits]
|
EDI88130LPSNI EDI88130CS EDI88130CSLM EDI88130CSL3 |
25ns; 5V power supply; 128K x 8 monolithic SRAM, SMD 5962-89598 45ns; 5V power supply; 128K x 8 monolithic SRAM, SMD 5962-89598 17ns; 5V power supply; 128K x 8 monolithic SRAM, SMD 5962-89598 128Kx8 Monolithic SRAM, SMD 5962-89598 128Kx8单片的SRAM,贴962-89598 128Kx8 Monolithic SRAM/ SMD 5962-89598 15ns; 5V power supply; 128K x 8 monolithic SRAM, SMD 5962-89598 20ns; 5V power supply; 128K x 8 monolithic SRAM, SMD 5962-89598 35ns; 5V power supply; 128K x 8 monolithic SRAM, SMD 5962-89598 55ns; 5V power supply; 128K x 8 monolithic SRAM, SMD 5962-89598
|
White Electronic Designs ETC Electronic Theatre Controls, Inc.
|
M13S2561616A-2A |
Double-data-rate architecture, two data transfers per clock cycle
|
Elite Semiconductor Mem...
|
W631GG6KB-15 W631GG6KB12A W631GG6KB12I W631GG6KB12 |
Double Data Rate architecture: two data transfers per clock cycle
|
Winbond
|
M14D5121632A-2K |
Internal pipelined double-data-rate architecture; two data access per clock cycle
|
Elite Semiconductor Mem...
|